PART |
Description |
Maker |
5SFP400 5SF400 |
Quick-acting Fuse Series (Low Breaking Capacity) FAST BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), THROUGH HOLE Quick-acting Fuse Series (Low Breaking Capacity) FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 35A (IR), THROUGH HOLE Quick-acting Fuse Series (Low Breaking Capacity) FAST BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
0651R0800-11 0651R0800-13 0651R0800-16 0651R0630-1 |
QUICK-ACTING FUSE SERIES(LOW BREAKING CAPACITY) QUICK-ACTING FUSE SERIES(LOW BREAKING CAPACITY)
|
Bel Fuse Inc.
|
3402.0044.XX 3402.0019.XX 3402.0014.XX 3402.0043.X |
FUSE OMF 63V 2.5A FAST BLOW ELECTRIC FUSE, 2.5A, 63VAC, 63VDC, 50A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
|
SCHURTER AG Schurter Inc.
|
00345107 0034.5117 0034.5107 0034.5113 0034.5115 0 |
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
|
Schurter Inc.
|
0001.1001 0001.1002 0001.1003 0001.1004 00011001 0 |
Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
|
Schurter Inc.
|
SP6.3X32 SP6.3X32-18 |
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
|
Schurter Inc.
|
3413.0221.XX USI1206 3413.0217.XX 3413.0222.XX 341 |
Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
|
Schurter Inc.
|
A12FA660V |
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 660 VAC
|
Schurter Inc.
|
OMK63 3422.0014.XX 3422.0043.XX 3422.0017.XX 3422. |
Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 63 VAC, 63 VDC
|
Schurter Inc.
|
|